spec no: dsab2594 rev no: v.2 date:jan/29/2003 page: 1 of 5 approved: j.lu checked: allen liu drawn: x.t.hu notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.2(0.0079") unless otherwise noted. 3. specifications are subject to change without notice. 3.2mmx3.6mm full-color surface mount led lamp features ! ! ! ! ! low power consumption. ! ! ! ! ! 3.2mmx3.6mm smt led, 1.1mm thickness. ! ! ! ! ! one red, one green and one blue chips in one package. ! ! ! ! ! can produce any color in visible spectrum, including white light. ! package : 1000pcs / reel. package dimensions KPF-3236SRSGMBC-PRV super bright red super bright green blue description the super bright red source color devices are made with gallium aluminum arsenide red light emitting diode. the super bright green source color devices are made with gallium phosphide green light emitting diode. the blue source color devices are made with gan on sic light emitting diode. static electricity and surge damage the leds. it is recommended to use a wrist band or anti-electrostatic glove when handling the leds. all devices, equipment and machinery must be electrically grounded.
spec no: dsab2594 rev no: v.2 date:jan/29/2003 page: 2 of 5 approved: j.lu checked: allen liu drawn: x.t.hu absolute maximum ratings at t a =25 c note: 1. 1/10 duty cycle, 0.1ms pulse width. electrical / optical characteristics at t a =25 c selection guide note: 1 . 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. . o n t r a p. o n t r a p . o n t r a p . o n t r a p. o n t r a pe c i de c i d e c i d e c i de c i de p y t s n e le p y t s n e l e p y t s n e l e p y t s n e le p y t s n e l ) d c m ( v i) d c m ( v i ) d c m ( v i ) d c m ( v i) d c m ( v i a m 0 2 @ g n i w e i vg n i w e i v g n i w e i v g n i w e i vg n i w e i v e l g n a . n i m. n i m . n i m . n i m. n i m. p y t. p y t . p y t . p y t. p y t 2 / 1 22 / 1 2 2 / 1 2 2 / 1 22 / 1 2 v r p - c b m g s r s 6 3 2 3 - f p k ) s a l a a g ( d e r t h g i r b r e p u s r a e l c r e t a w 6 30 7 0 2 1 ) p a g ( n e e r g t h g i r b r e p u s6 . 22 1 ) n a g ( e u l b6 . 18 l o b m y sl o b m y s l o b m y s l o b m y sl o b m y sr e t e m a r a pr e t e m a r a p r e t e m a r a p r e t e m a r a pr e t e m a r a pe c i v e de c i v e d e c i v e d e c i v e de c i v e d. p y t. p y t . p y t . p y t. p y t. x a m. x a m . x a m . x a m. x a ms t i n us t i n u s t i n u s t i n us t i n us n o i t i d n o c t s e ts n o i t i d n o c t s e t s n o i t i d n o c t s e t s n o i t i d n o c t s e ts n o i t i d n o c t s e t k a e p h t g n e l e v a w k a e p d e r t h g i r b r e p u s n e e r g t h g i r b r e p u s e u l b 0 6 6 5 6 5 0 3 4 m ni f a m 0 2 = d h t g n e l e v a w e t a n i m o d d e r t h g i r b r e p u s n e e r g t h g i r b r e p u s e u l b 0 4 6 8 6 5 6 6 4 m ni f a m 0 2 = ? 2 / 1 h t d i w - f l a h e n i l l a r t c e p s d e r t h g i r b r e p u s n e e r g t h g i r b r e p u s e u l b 0 2 0 3 0 6 m ni f a m 0 2 = ce c n a t i c a p a c d e r t h g i r b r e p u s n e e r g t h g i r b r e p u s e u l b 5 4 5 1 0 0 1 f pv f z h m 1 = f ; v 0 = v f e g a t l o v d r a w r o f d e r t h g i r b r e p u s n e e r g t h g i r b r e p u s e u l b 5 8 . 1 2 . 2 8 . 3 5 . 2 5 . 2 5 . 4 vi f a m 0 2 = i r t n e r r u c e s r e v e rl l a0 1a uv r v 5 = r e t e m a r a pr e t e m a r a p r e t e m a r a p r e t e m a r a pr e t e m a r a pd e r t h g i r b r e p u sd e r t h g i r b r e p u s d e r t h g i r b r e p u s d e r t h g i r b r e p u sd e r t h g i r b r e p u sn e e r g t h g i r b r e p u sn e e r g t h g i r b r e p u s n e e r g t h g i r b r e p u s n e e r g t h g i r b r e p u sn e e r g t h g i r b r e p u se u l be u l b e u l b e u l be u l bs t i n us t i n u s t i n u s t i n us t i n u n o i t a p i s s i d r e w o p0 0 15 0 15 0 1w m t n e r r u c d r a w r o f c d0 35 20 3a m ] 1 [ t n e r r u c d r a w r o f k a e p5 5 10 4 10 5 1a m e g a t l o v e s r e v e r555v e r u t a r e p m e t e g a r o t s / g n i t a r e p o 0 4 - 5 8 + o t c c
spec no: dsab2594 rev no: v.2 date:jan/29/2003 page: 3 of 5 approved: j.lu checked: allen liu drawn: x.t.hu KPF-3236SRSGMBC-PRV super bright red / super bright green
spec no: dsab2594 rev no: v.2 date:jan/29/2003 page: 4 of 5 approved: j.lu checked: allen liu drawn: x.t.hu blue
spec no: dsab2594 rev no: v.2 date:jan/29/2003 page: 5 of 5 approved: j.lu checked: allen liu drawn: x.t.hu recommended soldering pattern (units : mm) tape specifications (units : mm) KPF-3236SRSGMBC-PRV smt reflow soldering instruction number of reflow process shall be less than 2 times and cooling process to normal temperature is required between first and second soldering process.
|